Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016K2M Datasheet(PDF) 14 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 14 Page - ESS Technology,Inc

Back Button ES9016K2M Datasheet HTML 10Page - ESS Technology,Inc ES9016K2M Datasheet HTML 11Page - ESS Technology,Inc ES9016K2M Datasheet HTML 12Page - ESS Technology,Inc ES9016K2M Datasheet HTML 13Page - ESS Technology,Inc ES9016K2M Datasheet HTML 14Page - ESS Technology,Inc ES9016K2M Datasheet HTML 15Page - ESS Technology,Inc ES9016K2M Datasheet HTML 16Page - ESS Technology,Inc ES9016K2M Datasheet HTML 17Page - ESS Technology,Inc ES9016K2M Datasheet HTML 18Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
14
Register #6: Soft Volume Control 3 and De-emphasis
8 bit, Read-Write Register, Default = 0x4A
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
spdif_auto_deemph
deemph_bypass
deemph_sel
reserved *
vol_rate
Default
0
1
0
0
1
0
1
0
Bit
Mnemonic
Description
[7]
spdif_auto_deemph
1'b0 disables automatic de-emphasis select in SPDIF mode (default)
1'b1 enables automatic de-emphasis select in SPDIF mode
[6]
deemph_bypass
1'b0 enables de-emphasis filters
1'b1 disabled de-emphasis filters (default)
[5:4]
deemph_sel
2’b00 = 32kHz (default)
2’b01 = 44.1kHz
2’b10 = 48kHz
2’b11 = RESERVED
[3]
reserved *
Must be left as 1'b1 for normal operation
[2:0]
vol_rate
3'd2 by default
Sets the volume ramp rate to 0.0078125 x fs / 2(vol_rate-5) dB/s
* All Reserved Bits in Register #6 must be set to the indicated logic level to ensure correct device operation.
Register #7: General Settings
8 bit, Read-Write Register, Default = 0x80
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
filter_shape
reserved *
iir_bw
mute
Default
1
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7]
reserved *
[6:5]
filter_shape
2'd0 = fast rolloff (default)
2'd1 = slow rolloff
2'd2 = minimum phase
2'd3 = reserved
[4]
reserved
[3:2]
iir_bw
2'd0 = 1.0757 x fs or 47.44kHz (fs = 44.1kHz) - Normal mode (default)
2'd1 = 1.1338 x fs or 50kHz (fs = 44.1kHz)
2'd2 = 1.3605 x fs or 60kHz (fs = 44.1kHz)
2'd3 = 1.5873 x fs or 70kHz (fs = 44.1kHz)
[1:0]
mute
This is a soft mute, which uses the ramping volume control.
mute[0]
•
1’b0: Channel 1 (default of left channel) unmuted (default)
•
1’b1: Channel 1 (default of left channel) muted
mute[1]
•
1’b0: Channel 2 (default of right channel) unmuted (default)
•
1’b1: Channel 2 (default of right channel) muted
* All Reserved Bits in Register #7 must be set to the indicated logic level to ensure correct device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com