Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016K2M Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9016K2M Datasheet HTML 30Page - ESS Technology,Inc ES9016K2M Datasheet HTML 31Page - ESS Technology,Inc ES9016K2M Datasheet HTML 32Page - ESS Technology,Inc ES9016K2M Datasheet HTML 33Page - ESS Technology,Inc ES9016K2M Datasheet HTML 34Page - ESS Technology,Inc ES9016K2M Datasheet HTML 35Page - ESS Technology,Inc ES9016K2M Datasheet HTML 36Page - ESS Technology,Inc ES9016K2M Datasheet HTML 37Page - ESS Technology,Inc ES9016K2M Datasheet HTML 38Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
36
Table RPC-1 Classification reflow profile
Profile Feature
Pb-Free Assembly
Preheat/Soak
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150°C
200°C
60-120 seconds
Ramp-up rate (TL to Tp)
3°C / second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217°C
60-150 seconds
Peak package body temperature
(Tp)
For users Tp must not exceed the classification temp in Table RPC-2.
For suppliers Tp must equal or exceed the Classification temp in Table RPC-2.
Time (tp)* within 5°C of the
specified classification temperature
(Tc), see Figure RPC-1
30* seconds
Ramp-down rate (Tp to TL)
6°C / second max.
Time 25°C to peak temperature
8 minutes max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
Note 1: All temperatures refer to the center of the package, measured on the package body surface that is facing up during assembly reflow (e.g., live-bug).
If parts are reflowed in other than the normal live-bug assembly reflow orientation (i.e., dead-bug), Tp shall be within ± 2°C of the live-bug Tp and still
meet the Tc requirements, otherwise, the profile shall be adjusted to achieve the latter. To accurately measure actual peak package body
temperatures refer to JEP140 for recommended thermocouple use.
Note 2: Reflow profiles in this document are for classification/preconditioning and are not meant to specify board assembly profiles. Actual board assembly
profiles should be developed based on specific process needs and board designs and should not exceed the parameters in Table RPC-1.
For example, if Tc is 260°C and time tp is 30 seconds, this means the following for the supplier and the user.
For a supplier: The peak temperature must be at least 260°C. The time above 255°C must be at least 30 seconds.
For a user: The peak temperature must not exceed 260°C. The time above 255°C must not exceed 30 seconds.
Note 3: All components in the test load shall meet the classification profile requirements.
Table RPC-2 Pb-Free Process
– Classification Temperatures (Tc)
Package Thickness
Volume mm3, <350
Volume mm3, 350 to 2000
Volume mm3, >2000
<1.6 mm
260°C
260°C
260°C
1.6 mm
– 2.5 mm
260°C
250°C
245°C
>2.5 mm
250°C
245°C
245°C
Note 1: At the discretion of the device manufacturer, but not the board assembler/user, the maximum peak package body temperature (Tp) can exceed the
values specified in Table RPC-2. The use of a higher Tp does not change the classification temperature (Tc).
Note 2: Package volume excludes external terminals (e.g., balls, bumps, lands, leads) and/or non-integral heat sinks.
Note 3: The maximum component temperature reached during reflow depends on package thickness and volume. The use of convection reflow processes
reduces the thermal gradients between packages. However, thermal gradients due to differences in thermal mass of SMD packages may still exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com