Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3063CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS3063CS
Description  800mA/180kHz Dc to Dc Converter Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3063CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3063CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS3063
800mA/180kHz Dc to Dc Converter Controller
3/9
Version: A07
Notes1: Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
temperature as possible
Note 2: If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents
(≤300mA) and high driver currents (>=30mA), it may take up to 2uS for it to come out of saturation. This
condition will shorten the off time at frequencies >= 30KHz, and is magnified at high temperature. This
condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non-
Darlington configuration is used, the following output drive condition is recommended:
Forced Bata of output switch: Ic output / (Ic driver – 7mA*) >= 10
* The 100ohm resistor in the emitter of the driver divide requires about 7mA before the output switch conducts.
Electrical Characteristics Curve
Figure 1. Output Switch On-Off Time vs. Oscillator
Timing Capacitor
Figure 2. Current Limit Sense Voltage vs.
Temperature
Figure 3. Standby Supply Current vs. Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com