Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3063CS Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS3063CS
Description  800mA/180kHz Dc to Dc Converter Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3063CS Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS3063CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS3063
800mA/180kHz Dc to Dc Converter Controller
8/9
Version: A07
MSOP-8 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
MSOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.81
1.10
0.032
0.043
A1
0.05
0.15
0.002
0.006
A2
0.76
0.97
0.030
0.038
b
0.28
0.38
0.011
0.015
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
4.70
5.10
0.185
0.201
E1
2.90
3.10
0.114
0.122
e
0.65 (Typ.)
0.026 (Typ.)
L
0.40
0.66
0.016
0.026
L1
0.85
1.05
0.033
0.041



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com