Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3063CS Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS3063CS
Description  800mA/180kHz Dc to Dc Converter Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3063CS Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS3063CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3063CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS3063
800mA/180kHz Dc to Dc Converter Controller
7/9
Version: A07
SOP-8 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
0º
7º
0º
7º
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com