Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92001TMA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # DS92001TMA/NOPB
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS92001TMA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS92001TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 9Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS92001
SNLS147F – JUNE 2002 – REVISED APRIL 2013
www.ti.com
Figure 8. TRI-STATE Delay Test Circuit
Figure 9. Output active to TRI-STATE and TRI-STATE to active output time
PIN DESCRIPTIONS
Input/Outp
Pin Name
Pin #
Description
ut
GND
1
P
Ground
IN
−
2
I
Inverting receiver B/LVDS input pin
IN+
3
I
Non-inverting receiver B/LVDS input pin
N/C
4
NA
"NO CONNECT" pin
VCC
5
P
Power Supply, 3.3V ± 0.3V.
OUT+
6
O
Non-inverting driver BLVDS output pin
OUT -
7
O
Inverting driver BLVDS output pin
EN
8
I
Enable pin. When EN is LOW, the driver is disabled and the BLVDS outputs
are in TRI-STATE. When EN is HIGH, the driver is enabled. LVCMOS/LVTTL
levels.
GND
DAP
P
WSON Package Ground
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com