Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92001TMA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS92001TMA/NOPB
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS92001TMA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS92001TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OUT-
OUT+
EN
IN-
IN+
GND
IN-
IN+
N/C
EN
OUT-
OUT+
VCC
1
2
3
4
8
6
5
7
GND
DAP
GND
IN-
IN+
N/C
EN
OUT-
OUT+
VCC
1
2
3
4
8
6
5
7
DS92001
www.ti.com
SNLS147F – JUNE 2002 – REVISED APRIL 2013
DS92001 3.3V B/LVDS-BLVDS Buffer
Check for Samples: DS92001
1
FEATURES
DESCRIPTION
The DS92001 B/LVDS-BLVDS Buffer takes a BLVDS
2
•
Single +3.3 V Supply
input signal and provides a BLVDS output signal. In
•
Receiver Inputs Accept LVDS/CML/LVPECL
many large systems, signals are distributed across
Signals
backplanes. One of the limiting factors for system
•
TRI-STATE Outputs
speed is the "stub length" or the distance between
the transmission line and the unterminated receivers
•
Receiver Input Threshold < ±100 mV
on
individual
cards.
Although
it
is
generally
•
Fast Propagation Delay of 1.4 ns (typ)
recognized that this distance should be as short as
•
Low Jitter 400 Mbps Fully Differential Data
possible to maximize system performance, real-world
Path
packaging concerns often make it difficult to make the
stubs as short as the designer would like.
•
Compatible with BLVDS 10-bit SerDes (40MHz)
The DS92001 has edge transitions optimized for
•
Compatible with ANSI/TIA/EIA-644-A LVDS
multidrop backplanes where the switching frequency
Standard
is in the 200 MHz range or less. The output edge rate
•
Available in SOIC and Space Saving WSON
is critical in some systems where long stubs may be
Package
present, and utilizing a slow transition allows for
•
Industrial Temperature Range
longer stub lengths.
The DS92001, available in the WSON package, will
allow the receiver inputs to be placed very close to
the main transmission line, thus improving system
performance.
A wide input dynamic range allows the DS92001 to
receive differential signals from LVPECL, CML as
well as LVDS sources. This will allow the device to
also fill the role of an LVPECL-BLVDS or CML-
BLVDS translator.
Connection and Block Diagrams
Figure 1. SOIC Package Number D0008A
Figure 2. WSON Package Number NGK0008A
Top View
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS92001TMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92001TMA/NOPB TI-DS92001TMA/NOPB Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
More results

Similar Description - DS92001TMA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
3.3V LVDS-LVDS Buffer
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
DS92001 NSC-DS92001_06 Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
3.3V LVDS Oscillator
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Microchip Technology
SY75572L MICROCHIP-SY75572L Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com