Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92001TMA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # DS92001TMA/NOPB
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS92001TMA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS92001TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 9Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 10Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 11Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 12Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS92001
www.ti.com
SNLS147F – JUNE 2002 – REVISED APRIL 2013
Match electrical lengths between traces to reduce skew. Skew between the signals of a pair means a phase
difference between signals which destroys the magnetic field cancellation benefits of differential signals and EMI
will result. Do not rely solely on the auto-route function for differential traces. Carefully review dimensions to
match differential impedance and provide isolation for the differential lines. Minimize the number of vias and
other discontinuities on the line.
Avoid 90° turns (these cause impedance discontinuities). Use arcs or 45° bevels.
Within a pair of traces, the distance between the two traces should be minimized to maintain common-mode
rejection of the receivers. On the printed circuit board, this distance should remain constant to avoid
discontinuities in differential impedance. Minor violations at connection points are allowable.
TERMINATION
Use a termination resistor which best matches the differential impedance or your transmission line. The resistor
should be between 90
Ω and 130Ω for point-to-point links. Multidrop (driver in the middle) or multipoint
configurations are typically terminated at both ends. The termination value may be lower than 100
Ω due to
loading effects and in the 50
Ω to 100Ω range. Remember that the current mode outputs need the termination
resistor to generate the differential voltage.
Surface mount 1% - 2% resistors are the best. PCB stubs, component lead, and the distance from the
termination to the receiver inputs should be minimized. The distance between the termination resistor and the
receiver should be < 10mm (12mm MAX).
PROBING LVDS TRANSMISSION LINES
Always use high impedance (> 100k
Ω), low capacitance (< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com