Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 2 Page - Texas Instruments

  INA148 Datasheet HTML 1Page - Texas Instruments INA148 Datasheet HTML 2Page - Texas Instruments INA148 Datasheet HTML 3Page - Texas Instruments INA148 Datasheet HTML 4Page - Texas Instruments INA148 Datasheet HTML 5Page - Texas Instruments INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
INA148-Q1
SBOS472B – MARCH 2009 – REVISED JUNE 2016
www.ti.com
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics Dual Supply ...................... 4
6.6
Electrical Characteristics Single Supply.................... 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 14
8.1
Application Information............................................ 14
8.2
Typical Applications ................................................ 14
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Community Resources.......................................... 20
11.2
Trademarks ........................................................... 20
11.3
Electrostatic Discharge Caution ............................ 20
11.4
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2011) to Revision B
Page
•
Added Device Information table, Table of Contents, Pin Configuration and Functions section, Specifications section,
ESD Ratings table, Thermal Information table, Detailed Description section, Application and Implementation section,
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted Ordering Information Table; see POA at the end of the datasheet .......................................................................... 1
Changes from Original (March 2009) to Revision A
Page
•
Features Bullet From: Low Quiescent Current: 260 mA To: Low Quiescent Current: 260 µA .............................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com