Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments INA148 Datasheet HTML 13Page - Texas Instruments INA148 Datasheet HTML 14Page - Texas Instruments INA148 Datasheet HTML 15Page - Texas Instruments INA148 Datasheet HTML 16Page - Texas Instruments INA148 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
INA148-Q1
www.ti.com
SBOS472B – MARCH 2009 – REVISED JUNE 2016
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
Source impedances (or shunts) greater than 5 k
Ω are not recommended, even if they are perfectly compensated.
This is because the internal resistor network is laser-trimmed for accurate voltage divider ratios, but not
necessarily to absolute values. Input resistors are shown as 1 M
Ω; however, this is only their nominal value.
In practice, the input resistors' absolute values may vary by as much as 30%. The two input resistors match to
about 5%, so adding compensating resistors greater than 5 k
Ω can cause a serious mismatch in the resulting
resistor network voltage divider ratios, thus degrading CMR.
TI recommends not attempting to extend the INA148-Q1 input voltage range by adding external resistors for the
reasons described in the previous paragraph. CMR suffers serious degradation unless the resistors are carefully
trimmed for CMR and gain. This is an iterative adjustment and can be tedious and time consuming.
7.4 Device Functional Modes
The INA148-Q1 is a unity-gain, differential to single-ended amplifier that can reject high common-mode signals
up to ±200 V with ±15-V supply voltage. This high common-mode rejection is achieved by internal trimmed
resistive divider network. The resistive network provides an attenuation factor of 20:1.
Equation 2 shows the transfer function output to input.
VO = V+IN – V–IN
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com