Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA148
Description  INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments INA148 Datasheet HTML 13Page - Texas Instruments INA148 Datasheet HTML 14Page - Texas Instruments INA148 Datasheet HTML 15Page - Texas Instruments INA148 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
1 MW
50 kW
52.6316 kW
50 kW
2.7778 kW
1 MW
R
C
R
S
I
L
V
CM
7
3
200 V
2
6
4
1
A1
INA148
–15 V
V
O
+15 V
Load
V
O = IL × RS
Copyright © 2016, Texas Instruments Incorporated
1 MW
50 kW
52.6316 kW
50 kW
2.7778 kW
1 MW
7
3
2
6
4
1
A1
INA148
–15 V
V
O
+15 V
±15-mV Offset Trim Range, RTI
100 kW
100 kW
100 W
+15 V
–15 V
V
REF
OPA171-Q1
V
+IN
V
–IN
V = (V
– V
)
O
+IN
–IN
Copyright © 2016, Texas Instruments Incorporated
12
INA148-Q1
SBOS472B – MARCH 2009 – REVISED JUNE 2016
www.ti.com
Product Folder Links: INA148-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 22. Preferred Offset Trim Circuit
7.3.5 Input Impedance
The input resistor network determines the impedance of each of the INA148-Q1 inputs. The impedance is
approximately 1 M
Ω. Unlike an instrumentation amplifier, signal source impedances at the two input pins must be
nearly equal to maintain good common-mode rejection.
A mismatch between the two input source impedances causes a differential amplifier's common-mode rejection
to be degraded. With a source impedance imbalance of only 500
Ω, CMR can fall to approximately 66 dB.
Figure 23 shows a common application, measuring power supply current through a shunt resistor (RS). A shunt
resistor creates an unbalanced source resistance condition that can degrade a differential amplifier's common-
mode rejection.
Figure 23. Shunt-Resistor Current Measurement Circuit
Unless the shunt resistor is less than approximately 100
Ω, TI recommends an additional equal compensating
resistor (RC) to maintain input balance and high CMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com