Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 1 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Mini Half-Watt SMD 3.5mm (120° Viewing
Angle)
OVS5MxBCR4 Series
© TT electronics plc
Rev C
10/2011
Page 1
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The mini-half watt is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan. This
device offers a 120° viewing angle and an ultra-low profile (1.2 mm) making it highly suitable for conventional lighting and
specialized applications.
Applications:
•
Automotive exterior and interior lighting
•
Architectural indoor and outdoor lighting
•
General lighting
•
Display Backlighting
•
Electronic signs and signals
Features:
•
Compact Package Outline of 3.5 x 3.5 x 1.2 mm
•
Robust energy-efficient design with long operating life
•
Low thermal resistance
•
Exceptional spatial uniformity
•
Compatible to IR reflow soldering
•
High Lumens output
Part Number
Viewing
Angle
Emitted Color
Typ. Luminous Flux
(lm)
Forward Voltage
VF
Power Dissipation @
150 mA
Lens Color
OVS5MWBCR4
120
White
50
3.4
0.51 W
Clear
OVS5MWWBCR4
Warm White
30
3.6
0.54 W
OVS5MBBCR4
Blue
8.2
3.4
0.51 W
OVS5MGBCR4
Green
22
3.4
0.51 W
Part Number
Viewing
Angle
Emitted Color
Typ. Luminous In-
tensity (mcd)
Forward Voltage
VF
Power Dissipation @
150 mA
Lens Color
OVS5MRBCR4
120
Red
7150
2.2
0.33 W00.33
Clear
OVS5MABCR4
Amber
7150
2.2
0.33 W
OVS5MYBCR4
Yellow
7150
2.2
0.33 W
RoHS
2a
Moisture
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.


Similar Part No. - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
More results

Similar Description - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
Half Watt Zeners
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5R4CR44 OPTEK-OVS5R4CR44 Datasheet
522Kb / 7P
5-Watt SMD 6x6mm 40째 Viewing Angle
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
10-Watt Lednium SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com