Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 3 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© TT electronics plc
Rev C
10/2011
Page 3
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
OVS5MxBCR4 Series
Optical and Electrical Characteristics - White, Warm White (IF = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
White
3.0
3.4
4.1
V
Warm White
3.6
Φ
Luminous Flux
White
30.6
50
67.2
lm
Warm White
23.5
30
39.8
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics - Blue, Green (IF = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
3.0
3.4
3.9
V
Φ
Luminous Flux
Blue
6.3
8.2
10.7
lm
Green
18.1
22.0
30.6
λD
Dominant Wavelength
Blue
460
465
470
nm
Green
520
525
535
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics - Red, Amber, Yellow (IF = 140 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
1.9
2.2
2.65
V
Φ
Luminous Intensity
Red
4500
7150
9000
mcd
Amber
Yellow
λD
Dominant Wavelength
Red
620
625
630
nm
Amber
610
615
621
Yellow
585
590
594
IR
Reverse Current @ 12 V
----
10
----
µA
2 Θ½
50% Power Angle
----
120
----
deg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com