Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 2 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© TT electronics plc
Rev C
10/2011
Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
OVS5MxBCR4 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Red, Amber, Yellow
Green, Blue
White
Warm White
DC Forward Current
200 mA
180 mA
180 mA
180 mA
Peak Pulsed Forward Current
1
1000 mA
350 mA
350 mA
350 mA
Reverse Voltage
12V @ 10 uA
Not designed for re-
verse bias
Not designed for re-
verse bias
Not designed for reverse
bias
Junction Temperature
2
125°C
125°C
125°C
125°C
Power Dissipation
750mW
750mW
750mW
750mW
Storage and Operating Temperature
-40° ~ +100 ° C
-40° ~ +100 ° C
-40° ~ +100 ° C
-40° ~ +100 ° C
ESD (JEDEC-JESD22-A114F)
Class 2
Class 2
Class 2
Class 2
MSL (IPC / JEDEC J-STD-020C)
2a / 672 Hrs
2a / 672 Hrs
2a / 672 Hrs
2a / 672 Hrs
Electrical Specifications
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal Resistance = 5 C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com