Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO124
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124 Datasheet(HTML) 2 Page - Texas Instruments

  ISO124 Datasheet HTML 1Page - Texas Instruments ISO124 Datasheet HTML 2Page - Texas Instruments ISO124 Datasheet HTML 3Page - Texas Instruments ISO124 Datasheet HTML 4Page - Texas Instruments ISO124 Datasheet HTML 5Page - Texas Instruments ISO124 Datasheet HTML 6Page - Texas Instruments ISO124 Datasheet HTML 7Page - Texas Instruments ISO124 Datasheet HTML 8Page - Texas Instruments ISO124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ...................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Applications ................................................ 11
9
Power Supply Recommendations ...................... 19
9.1
Signal and Supply Connections .............................. 19
10
Layout................................................................... 20
10.1
Layout Guidelines ................................................. 20
10.2
Layout Example .................................................... 20
11
Device and Documentation Support ................. 21
11.1
Documentation Support ....................................... 21
11.2
Receiving Notification of Documentation Updates 21
11.3
Community Resources.......................................... 21
11.4
Trademarks ........................................................... 21
11.5
Electrostatic Discharge Caution ............................ 21
11.6
Glossary ................................................................ 21
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
Changes from Revision D (July 2016) to Revision E
Page
•
Changed 16-pin SOIC package to 16-pin PDIP package to match content shown in package option addendum at
the end of the data sheet........................................................................................................................................................ 1
•
Changed DVA and NVF pin configuration labels to match content shown in the package option addendum at the
end of the data sheet.............................................................................................................................................................. 3
•
Changed parameter name from "vs temperature" to "Input offset drift" in Electrical Characteristics table............................ 5
•
Changed parameter name from "vs power supply" to "Power-supply rejection ratio" in Electrical Characteristics table ...... 5
•
Changed location of supply voltage specifications from the Electrical Characteristics table to the Recommended
Operating Conditions table ..................................................................................................................................................... 5
•
Changed parameter name from "Quiescent current" to "High-side analog supply current", and changed symbol from
"VS1" to "IVS1" in Electrical Characteristics table ..................................................................................................................... 5
•
Changed parameter name from "Quiescent current" to "Low-side analog supply current", and changed symbol from
"VS2" to "IVS2" in Electrical Characteristics table ..................................................................................................................... 5
•
Changed location of Temperature specifications from the Electrical Characteristics table to the Recommended
Operating Conditions table ..................................................................................................................................................... 5
•
Deleted Thermal resistance parameters from Electrical Characteristics table; see Thermal Information table..................... 5
Changes from Revision C (September 2005) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com