Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO124
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO124 Datasheet HTML 2Page - Texas Instruments ISO124 Datasheet HTML 3Page - Texas Instruments ISO124 Datasheet HTML 4Page - Texas Instruments ISO124 Datasheet HTML 5Page - Texas Instruments ISO124 Datasheet HTML 6Page - Texas Instruments ISO124 Datasheet HTML 7Page - Texas Instruments ISO124 Datasheet HTML 8Page - Texas Instruments ISO124 Datasheet HTML 9Page - Texas Instruments ISO124 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Frequency (Hz)
160
140
120
100
80
60
40
1
10
100
1k
10k
100k
1M
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
1k
100
0
2.1k
Degraded
Performance
Typical
Performance
Max DC Rating
Time (µs)
+10
0
–10
0
100
50
Time (µs)
+10
0
–10
0
500
1000
Time (µs)
+10
0
–10
0
1000
500
Time (µs)
+10
0
–10
0
100
50
6
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = +25°C, and VS = ±15 V (unless otherwise noted)
f = 2 kHz
Figure 1. Sine Response
f = 20 kHz
Figure 2. Sine Response
Figure 3. Step Response
Figure 4. Step Response
Figure 5. Isolation Voltage vs Frequency
Figure 6. IMR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com