Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO124
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO124 Datasheet HTML 4Page - Texas Instruments ISO124 Datasheet HTML 5Page - Texas Instruments ISO124 Datasheet HTML 6Page - Texas Instruments ISO124 Datasheet HTML 7Page - Texas Instruments ISO124 Datasheet HTML 8Page - Texas Instruments ISO124 Datasheet HTML 9Page - Texas Instruments ISO124 Datasheet HTML 10Page - Texas Instruments ISO124 Datasheet HTML 11Page - Texas Instruments ISO124 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The ISO124 isolation amplifier uses an input and an output section galvanically isolated by matched 1-pF
isolating capacitors built into the plastic package. The input is duty-cycle modulated and transmitted digitally
across the barrier. The output section receives the modulated signal, converts it back to an analog voltage and
removes the ripple component inherent in the demodulation. Input and output sections are fabricated, then laser
trimmed for exceptional circuitry matching common to input and output sections. The sections are then mounted
on opposite ends of the package with the isolating capacitors mounted between the two sections. The ISO124
contains 250 transistors.
7.1.1 Modulator
An input amplifier (A1, as shown in Functional Block Diagram) integrates the difference between the input current
(VIN/200 kΩ) and a switched ±100-µA current source. This current source is implemented by a switchable 200-µA
source and a fixed 100-µA current sink. To understand the basic operation of the modulator, assume that VIN = 0
V. The integrator will ramp in one direction until the comparator threshold is exceeded. The comparator and
sense amp will force the current source to switch; the resultant signal is a triangular waveform with a 50% duty
cycle. The internal oscillator forces the current source to switch at 500 kHz. The resultant capacitor drive is a
complementary duty-cycle modulation square wave
7.1.2 Demodulator
The sense amplifier detects the signal transitions across the capacitive barrier and drives a switched current
source into integrator A2. The output stage balances the duty-cycle modulated current against the feedback
current through the 200-kΩ feedback resistor, resulting in an average value at the VOUT pin equal to VIN. The
sample-and-hold amplifiers in the output feedback loop serve to remove undesired ripple voltages inherent in the
demodulation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com