Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5541ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5541ACPZ-R7
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5541ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADL5541
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
45
0
FREQUENCY (GHz)
40
35
30
25
20
15
10
5
5.7
5.3
4.9
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
OIP3 (0dBm)
P1dB
GAIN
NF
Figure 3. Gain, P1dB, OIP3, and Noise Figure vs. Frequency
16
10
FREQUENCY (GHz)
5.7
5.3
4.9
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
15
14
13
12
11
+25°C
–40°C
+85°C
Figure 4. Gain vs. Frequency and Temperature
0
–45
06
FREQUENCY (GHz)
–5
–10
–15
–20
–25
–30
–35
–40
123
45
S22
S11
S12
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency
45
0
FREQUENCY (GHz)
40
35
30
25
20
15
10
5
5.7
5.3
4.9
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
P1dB (+85°C)
P1dB (+25°C)
P1dB (–40°C)
Figure 6. OIP3 and P1dB vs. Frequency and Temperature
50
10
–5
15
POUT (dBm)
45
40
35
30
25
20
15
–3
–1
1357
9
11
13
500MHz
2GHz
900MHz
2.4GHz
3.5GHz
Figure 7. OIP3 vs. Output Power (POUT) and Frequency
8
2
06
FREQUENCY (GHz)
.0
7
6
5
4
3
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+25°C
+85°C
Figure 8. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com