Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5541ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5541ACPZ-R7
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5541ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADL5541
Rev. 0 | Page 10 of 12
BASIC CONNECTIONS
The basic connections for operating the ADL5541 are shown in
Figure 13. Recommended components are listed in Table 5. The
input and output should be ac-coupled with appropriately sized
capacitors (device characterization was performed with 33 pF
capacitors). A 5 V dc bias is supplied to the amplifier via GND
(Pin 6) and through a biasing inductor connected to RFOUT
(Pin 8). The bias voltage should be decoupled using a 1 μF
capacitor, a 1.2 nF capacitor, and two 68 pF capacitors.
VCC
3GND
6
GND
4CB
5
VPOS
1RFIN
8
RFOUT
2GND
7
GND
ADL5541
C4
68pF
C5
1.2nF
C6
1µF
VCC
C2
33pF
C1
33pF
RFIN
RFOUT
L1
47nH
C3
1µF
GND
C7
68pF
Figure 13. Basic Connections
For operation between 50 MHz and 500 MHz, a larger biasing
choke and ac coupling capacitors are necessary (see Table 5).
Figure 14 shows a plot of the input return loss, the output
return loss and the gain with these components. At 100 MHz,
the ADL5541 achieves an OIP3 of 38 dBm (POUT = 0 dBm per
tone). The noise figure performance for operation from 50
MHz to 500 MHz is shown in Figure 15. When operating below
50 MHz, the ADL5541 exhibits gain peaking, and the input and
output match degrade significantly.
17.0
12.0
50
500
FREQUENCY (MHz)
16.5
16.0
15.5
15.0
14.5
14.0
13.5
13.0
12.5
–5
–30
–10
–15
–20
–25
100
150
200
250
300
350
400
450
S11
S21
S22
Figure 14. Input Return Loss (S11), Output Return Loss (S22), and
Gain (S21) vs. Frequency
4.5
2.0
50
500
FREQUENCY (MHz)
4.0
3.5
3.0
2.5
100
150
200
250
300
350
400
450
Figure 15. Noise Figure vs. Frequency from 50 MHz to 500 MHz
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 16 shows the recommended land pattern for the ADL5541.
To minimize thermal impedance, the exposed paddle on the
package underside should be soldered down to a ground plane
along with Pin 2, Pin 3, Pin 6, and Pin 7. If multiple ground
layers exist, they should be stitched together using vias (a
minimum of five vias is recommended). For more information
on land pattern design and layout, refer to Application Note
AN-772, A Design and Manufacturing Guide for the Lead Frame
Chip Scale Package (LFCSP).
PIN 1
PIN 4
PIN 8
PIN 5
1.85mm
2.03mm
1.78mm
0.5mm
0.71mm
1.53mm
Figure 16. Recommended Land Pattern
Table 5. Recommended Components for Basic Connections
Frequency
C1
C2
C3
L1
C4
C5
C6
C7
50 MHz to 500 MHz
0.1 μF
0.1 μF
1 μF
470 nH (Coilcraft 0603LS-471-NX or equivalent)
68 pF
1.2 nF
1 μF
68 pF
500 MHz to 6000 MHz
33 pF
33 pF
1 μF
47 nH (Coilcraft 0603CS-47-NX or equivalent)
68 pF
1.2 nF
1 μF
68 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com