Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5541ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5541ACPZ-R7
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5541ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5541ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADL5541
Rev. 0 | Page 11 of 12
EVALUATION BOARD
Figure 19 shows the schematic for the ADL5541 evaluation
board. The board is powered by a single 5 V supply.
The components used on the board are listed in Table 6. Power
can be applied to the board through clip-on leads (VCC and
GND) or through a 2-pin header (W1).
Figure 17. Evaluation Board Layout (Bottom)
Figure 18. Evaluation Board Layout (Top)
3GND
6
GND
4CB
5
VPOS
1RFIN
8
RFOUT
2GND
7
GND
ADL5541
C4
68pF
C5
1.2nF
C6
1µF
VCC
C2
33pF
C1
33pF
RFIN
RFOUT
L1
47nH
C3
1µF
GND
C7
68pF
C8
OPEN
C9
OPEN
VCC
W1
DUT1
Figure 19. Evaluation Board Schematic
Table 6. Evaluation Board Configuration
Component
Function
Default Value
DUT1
Gain block
ADL5541
C1, C2
AC coupling capacitors
33 pF, 0402
C3
Low frequency bypass capacitor
1 μF, 0805
C4, C5, C6, C7, C8, C9
Power supply decoupling capacitors
C4 and C7 = 68 pF, 0603
C5 = 1.2 nF, 0603
C6 = 1 μF, 0805
C8 and C9 = open
L1
DC bias inductor
47 nH, 0603 (Coilcraft 0603CS-47-NX or equivalent)
VCC and GND
Clip-on terminals for power supply
W1
2-pin header for connection of ground and supply via cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com