Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS21 Datasheet(PDF) 2 Page - TT Electronics.

Part # PHS21
Description  21 mm Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS21 Datasheet(HTML) 2 Page - TT Electronics.

  PHS21 Datasheet HTML 1Page - TT Electronics. PHS21 Datasheet HTML 2Page - TT Electronics. PHS21 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
21 mm Rotary Potentiometer
PHS21 Series
General Note
TT Electronics reserves the right to make changes in product specification
without notice or liability. All information is subject to TT Electronics’ own data
and is
considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev A 01/2022 Page 2
Mechanical Characteristics
Environmental Characteristics
TA = 25°C unless otherwise noted
Total Rotational Travel
360°
Rotational Torque
20 - 150 gf.cm
Rotational Life
50,000 cycles
TA = 25°C unless otherwise noted
Operating Temperature
-20°C to +105°C
IP Rating
IP 40
Soldering Condition
Wave Soldering 260°C maximum for 1-3 seconds
Hand Soldering 300°C maximum for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
Ordering Information
Standard Packaging
Plastic Trays
Packaging Information
Resistance Table
Resistance (Ohms) 1,000
2,000
5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000
Code
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
PHS21 S
B
10K
Part Family
Resistance
See Resistance Table
Mounting Configuration
S = Square Wings
Resistance Taper
B = Linear (1B)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com