Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS21 Datasheet(PDF) 1 Page - TT Electronics.

Part # PHS21
Description  21 mm Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS21 Datasheet(HTML) 1 Page - TT Electronics.

  PHS21 Datasheet HTML 1Page - TT Electronics. PHS21 Datasheet HTML 2Page - TT Electronics. PHS21 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
21 mm Rotary Potentiometer
PHS21 Series
General Note
TT Electronics reserves the right to make changes in product specification
without notice or liability. All information is subject to TT Electronics’ own data
and is
considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev A 01/2022 Page 1
Features:
•
Resistance range 1 KΩ to 1 MΩ
•
Conductive plastic element
•
50,000 cycle life
•
Hollow shaft
Electrical Characteristics
TA = 25°C unless otherwise noted
Resistance Range
1KΩ to 1MΩ
Standard Resistance Tolerance
±20%
Electrical Angle
300o ±10o
Maximum Operating Voltage
50 VAC/20 VDC
Rated Power
0.5W
Dielectric Strength
1 minute at 250 VAC
Insulation Resistance
100MΩ min. at 200 VDC
Rotational Noise
< 100mVp-p
Description:
21 mm rotary hollow shaft potentiometer with
plastic housing with mounting wings. Linear
taper.
Applications:
•
Amplifiers/mixers/synthesizers
•
Appliances
•
Audio/Car Radio/TV sets
•
Industrial Controls
•
Medical Equipment Controls
•
Throttle Controls


Similar Part No. - PHS21

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHS223HKP4360ME4 KEMET-PHS223HKP4360ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 3600 uF, 20%, 25 VDC, -40/125°C
11/12/2024
PHS223HLP4520ME4 KEMET-PHS223HLP4520ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 5200 uF, 20%, 25 VDC, -40/125°C
11/12/2024
PHS223JKP4210ME4 KEMET-PHS223JKP4210ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 2100 uF, 20%, 35 VDC, -40/125°C
11/12/2024
PHS223JLP4320ME4 KEMET-PHS223JLP4320ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 3200 uF, 20%, 35 VDC, -40/125°C
11/12/2024
PHS227HKP4360ME4 KEMET-PHS227HKP4360ME4 Datasheet
74Kb / 1P
PHS227, Aluminum, Hybrid Polymer, 3600 uF, 20%, 25 VDC, -40/125°C
11/12/2024
More results

Similar Description - PHS21

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com