Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS21 Datasheet (PDF) - TT Electronics.

PHS21 Datasheet PDF - TT Electronics.
Part # PHS21
Download  PHS21 Download
File Size   750.82 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 21 mm Rotary Potentiometer

PHS21 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHS21 Datasheet PDF - TT Electronics.

Part # PHS21
Download  PHS21 Click to download

File Size   750.82 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 21 mm Rotary Potentiometer

PHS21 Datasheet (HTML) - TT Electronics.


PHS21 Product details

Features:
•Resistance range 1 KΩ to 1 MΩ
•Conductive plastic element
•50,000 cycle life
•Hollow shaft
Description: 21 mm rotary hollow shaft potentiometer with plastic housing with mounting wings. Linear taper.
Applications:
•Amplifiers/mixers/synthesizers
•Appliances
•Audio/Car Radio/TV sets
•Industrial Controls
•Medical Equipment Controls
•Throttle Controls




Similar Part No. - PHS21

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHS223HKP4360ME4 KEMET-PHS223HKP4360ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 3600 uF, 20%, 25 VDC, -40/125°C
11/12/2024
PHS223HLP4520ME4 KEMET-PHS223HLP4520ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 5200 uF, 20%, 25 VDC, -40/125°C
11/12/2024
PHS223JKP4210ME4 KEMET-PHS223JKP4210ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 2100 uF, 20%, 35 VDC, -40/125°C
11/12/2024
PHS223JLP4320ME4 KEMET-PHS223JLP4320ME4 Datasheet
74Kb / 1P
PHS223, Aluminum, Hybrid Polymer, 3200 uF, 20%, 35 VDC, -40/125°C
11/12/2024
PHS227HKP4360ME4 KEMET-PHS227HKP4360ME4 Datasheet
74Kb / 1P
PHS227, Aluminum, Hybrid Polymer, 3600 uF, 20%, 25 VDC, -40/125°C
11/12/2024
More results


Similar Description - PHS21

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com