Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3326 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3326
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3326 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3326 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3326
2021-04-25
3
© 2018 - 2021
Toshiba Electronic Devices & Storage Corporation
Collector emitter voltage
VCE (V)
IC – VCE
Collector emitter voltage
VCE (V)
IC – VCE
(Reverse region)
Collector current
IC (mA)
hFE – IC
Base-emitter voltage
VBE (V)
IC – VBE
Collector current
IC (mA)
VCE (sat) – IC
Collector current
IC (mA)
fT – IC
3
5
500
100
30
300
1
Common emitter
VCE = 6 V
Ta = 25°C
0.1
0.3
10
50
100
10
30
1.2
0
300
1.6
100
200
0.8
Common emitter
VCE = 2 V
0
0.4
Ta = 100°C
-25
25
12
0
6
4
0
30
50
20
2
40
10
8
IB = 20 μA
160
0
140
120
100
80
60
40
Common emitter
Ta = 25°C
10
−10
0
−6
−4
0
−6
−10
−4
−2
−8
−2
−8
Common emitter
Ta = 25°C
IB = 10 μA
0
20
50
40
30
−12
30
50
3000
100
500
10
0.3
1
300
1000
5000
3
100
-25
Ta = 100°C
25
Common emitter
VCE = 6 V
VCE = 2 V
30
1
300
300
3
30
10
Common emitter
IC/IB = 10
Ta = 25°C
0.1
0.3
500
100
10
5
50
1
3
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com