Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3326 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC3326
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3326 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC3326 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3326
2021-04-25
4
© 2018 - 2021
Toshiba Electronic Devices & Storage Corporation
Collector-base voltage
VCB (V)
Cob – VCB
Base current
IB (mA)
RON – IB
30
0.3
10
3
1
5
30
3
1
10
f = 1 MHz
IE = 0 A
Ta = 25°C
10
0.01
3
0.3
0.3
5
100
3
0.03
30
50
1
0.5
0.1
1
1 k
Ω
IB
10
0
50
100
150
200
250
300
0
25
50
75
100
125
150
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta (Note)
Mounted on an FR4 board
(25.4 mm × 25.4 mm × 1.6 mm,
Cu pad: 0.8 mm2 × 3)
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
Note: Reference only with Tj of 150 ℃.
PC – Ta (Note)
125
0
250
50
150
75
0
25
100
200
50
100
150
Ambient temperature
Ta
(°C)
Note: Reference only with Tj of 125 ℃.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com