Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3326 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3326
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3326 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3326 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3326
2021-04-25
2
© 2018 - 2021
Toshiba Electronic Devices & Storage Corporation
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0 A
―
―
0.1
μA
Emitter cut-off current
IEBO
VEB = 25 V, IC = 0 A
―
―
0.1
μA
DC current gain
hFE
(Note)
VCE = 2 V, IC = 4 mA
200
―
1200
―
Collector-emitter saturation voltage
VCE (sat)
IC = 30 mA, IB = 3 mA
―
0.042
0.1
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 4 mA
―
0.61
―
V
Transition frequency
fT
VCE = 6 V, IC = 4 mA
―
30
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0 A, f = 1 MHz
―
4.8
7
pF
Switching time
Turn-on time
ton
Duty cycle
≤ 2%
―
160
―
ns
Storage time
tstg
―
500
―
Fall time
tf
―
130
―
Note: hFE classification
A: 200 to 700, B: 350 to 1200
OUTPUT
4 k
Ω
VCC
= 12 V
VBB
= −3 V
INPUT
10 V
0
1
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com