Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59909005 Datasheet(PDF) 8 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # 59909005
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

59909005 Datasheet(HTML) 8 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button 59909005 Datasheet HTML 4Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 5Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 10Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 11Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 12Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Cable glands
Cable gland with slotted sealing insert, nickel-plated brass, IP 66/68
Model
Order no.
Note
MSBF 32-USB
13002504
Max. connector ø 18.5 mm, cable ø 3-8 mm
Notes: With slitted sealing insert for mounting cables with a connector.
Metric counter nuts MGM, polyamide, light grey
Model
Order no.
Note
MGM 12
52090100
M12 x 1.5
MGM 16
52090200
M16 x 1.5
MGM 20
52090300
M20 x 1.5
MGM 25
52090400
M25 x 1.5
MGM 32
52090500
M32 x 1.5
MGM 40
52090600
M40 x 1.5
Metric blind plugs MBL with sealing ring, IP 65, polyamide, light grey
Model
Order no.
Note
MBL 12
52011120
M12 x 1.5
MBL 16
52011220
M16 x 1.5
MBL 20
52011320
M20 x 1.5
MBL 25
52011420
M25 x 1.5
MBL 32
52011520
M32 x 1.5
MBL 40
52011620
M40 x 1.5
Pg cable glands BF, polyamide, light grey, IP 68 (5 bar, 30 min)
Model
Order no.
Note
BF 7
10000100
Pg 7; cable diameter 3-6.5 mm
BF 9
10000200
Pg 9; cable diameter 4-8 mm
BF 11
10000300
Pg 11; cable diameter 5-10 mm
BF 13
10000400
Pg 13.5; cable diameter 6-12 mm
BF 16
10000500
Pg 16; cable diameter 10-14 mm
BF 21
10000600
Pg 21; cable diameter 13-18 mm
BF 29
10000700
Pg 29; cable diameter 18-25 mm
BF 36
10000800* Pg 36; cable diameter 22-32 mm
Pg cable glands with anti-kink protection BFK, polyamide, light grey, IP 68 (5 bar, 30
min)
Model
Order no.
Note
BFK 7
10001100
Pg 7; cable diameter 3-6.5 mm
BFK 9
10001200
Pg 9; cable diameter 4-8 mm
BFK 11
10001300
Pg 11; cable diameter 5-10 mm
BFK 13
10001400
Pg 13.5; cable diameter 6-12 mm
BFK 16
10001500
Pg 16; cable diameter 10-14 mm
BFK 21
10001600
Pg 21; cable diameter 13-18 mm
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com