Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59909005 Datasheet(PDF) 2 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # 59909005
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

59909005 Datasheet(HTML) 2 Page - Phoenix Mecano S.E. Asia Pte Ltd

  59909005 Datasheet HTML 1Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 2Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 3Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 4Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 5Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
BF / MBF / BFK / MBFK:
- Pg/Metric
- IP 66/68, 5 bar (30 min.) / DIN EN 60529
- Polyamide, light grey, similar to RAL 7035
- Integrated strain relief
- Temperature range: -20°C to +100°C
- VDE certificate (MBF only): no. 40047604
- Integrated anti-kink protection
(BFK/MBFK)
POZ / MPOZ / POZB / MPOZB:
- Pg/Metric
- IP 65 / DIN EN 60529
- Polyamide, light grey, similar to RAL 7035
- Integrated strain relief
- Temperature range: -30°C to +100°C
- Integrated anti-kink protection
(POZB/MPOZB)
MSBF:
- Metric
- IP 66 / 68, 5 bar (30 min.) / DIN EN 60529
- Brass, nickel-plated
- Integrated strain relief
- Anti-twist protection
- Temperature range: -20°C to +100°C
M-EX..PA:
- Metric
- IP 66 / DIN EN 60529
- Polyamide, black, similar to RAL 9005
- Integrated strain relief
- Temperature range : -30°C to +70°C
- Test standard: EN 60079-0/EN
60079-7/EN 61241-0/EN 61241-1
- EC test certificates: PTB 99 ATEX 3101 X
(M12,M16),
PTB 99 ATEX 3128 X (M 20 and higher)
M-EX..MS/:
- Metric
- IP 66 / 68, 5 bar (30 min.) / DIN EN 60529
- Brass, nickel-plated
- Integrated strain relief
- Temperature range : -20°C to +80°C (MS)
- Test standard: EN 60079-0/EN
60079-7/EN 61241-0/EN 61241-1
- EC test certificates: DMT 99 ATEX E016
MEMV:
- Metric
- IP 66 / 68, 5 bar (30 min.) / DIN EN 60529
- Brass, nickel-plated
- Integrated strain relief
- Anti-twist protection
- Temperature range: -20°C to +100°C
- For leads with shielding
- Fast, easy EMC connection of the screen
mesh via the contact spring and the
intermediate connection with the enclosure
potential.
- The protective shield is permanently
formclosed over a large area of the
enclosure
Universal accessories suitable for all BOPLA enclosures
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com