Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59909005 Datasheet(PDF) 21 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # 59909005
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

59909005 Datasheet(HTML) 21 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button 59909005 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 20Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 21Page - Phoenix Mecano S.E. Asia Pte Ltd 59909005 Datasheet HTML 22Page - Phoenix Mecano S.E. Asia Pte Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
General Accessories
Screws (SHR) and distance bolts (DIBLZ) for mounting bosses in plastic enclosures
Model
Order no.
Note
DIBLZ AK 30x5/IM3/10
59006986
ND = 2,4-2,6, length 10mm, SW 5,5
SHR Z KA22x6
59006195
SD = 2.2 / ND = 1.7-1.8 / KD = 3.9
SHR Z KA25x6
59006190
SD = 2.5 / ND = 2.0 / KD = 4.4
SHR Z KA30x6
59006219
SD = 3.0 / ND = 2.4-2.6 / KD = 5.3
SHR Z KA30x8
59006217
SD = 3,0 / ND = 2,4-2,6 / KD = 6,0
SHR Z KA35x6
59006209
SD = 3.5 / ND = 2.8 / KD = 7.0
SHR Z KA35x8
59006210
SD = 3.5 / ND = 2.8 / KD = 6.1
SHR Z KA35x10
59006220
SD = 3.5 / ND = 2.8 / KD = 6.1
SHR Z B4,5x7,8
59006101
SD = 4.5 / ND = 4.0 / KD = 7.5
SHR Z KA50x10
59006240
SD = 5.0 / ND = 4.3 / KD = 8.2
SHR Z B6,3x9,5
59006110
SD = 7.0 / ND = 5.5 / KD = 12.5
SHR Z M4x8
59005049
KD = 8
DIBLZ AK 30x5/IM3/8
59006985
ND = 2,4-2,6, length 8mm, SW 5,5
DIBLZ AK 30x7/IM3/8
59006987
ND = 2,4-2,6, length 8mm, SW 5,5
DIBLZ AK 30x7/IM3/10
59006988
ND = 2,4-2,6, length 10mm, SW 5,5
DIBLZ AK30x7/IM3/26
59006922
ND = 2,4-2,6, length 26mm, SW 5,5
DIBLZ AK30x5/IM3/28
59006921
ND = 2,4-2,6, length 28mm, SW 5,5
DIBLZ AK30x7/IM3/36
59006998
ND = 2,4-2,6, length 36mm, SW 6
DIBLZ AK30x7/IM3/56
59006924
ND = 2,4-2,6, length 56mm, SW 5,5
DIBLZ AK30x5/IM3/58
59006923
ND = 2,4-2,6, length 58mm, SW 5,5
DIBLZ AK30x7/IM3/74
59006926
ND = 2,4-2,6, length 74mm, SW 5,5
DIBLZ AK30x5/IM3/76
59006925
ND = 2,4-2,6, length 76mm, SW 5,5
DIBLZ AK30x7/IM3/86
59006927
ND = 2,4-2,6, length 86mm, SW 5,5
DIBLZ AK30x5/IM3/88
59006928
ND = 2,4-2,6, length 88mm, SW 5,5
Scope Of Delivery: 1 piece
Notes: Explanation of the table: SD = screw diameter; ND = boss internal diameter; KD = screw head diameter. All
dimensions in mm. In most BOPLA plastic enclosures, mounting bosses without threaded bushings are provided as
mounting points. Screws with a self-tapping thread must be selected accordingly. When selecting screws, note the
details of the boss internal diameters (see drawings on internet) and the drilling depth. The tightening torques for
plastic depend on screw-in depth, screw-in speed, accuracy of torque switch-off of the power screwdriver, etc., so
it is not possible to provide general data about the tightening torques.
Threaded inserts, brass, for mounting bosses in plastic enclosures
Model
Order no.
Note
DODGE M3x6,5
59002810
ND = 4.0 x 6.5
DODGE M4x9,5
59002820
ND = 5.4 x 9.5
Scope Of Delivery: 1 threaded insert
Notes: Explanation of the table: ND = boss internal diameter Mounting instructions: Insert the connector into the
boss until it reaches the bottom. Then flatten the plate using a pin. It is very difficult to remove fitted threaded
connectors. With reference to the directive relating to electronic scrap, recycling of the enclosure is very expensive.
For this reason, it is not possible for us to take back enclosures which have subsequently been processed in this
way.
20
* = Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com