Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5273IPFPT Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5273IPFPT
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFPT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5273IPFPT Datasheet HTML 10Page - Texas Instruments ADS5273IPFPT Datasheet HTML 11Page - Texas Instruments ADS5273IPFPT Datasheet HTML 12Page - Texas Instruments ADS5273IPFPT Datasheet HTML 13Page - Texas Instruments ADS5273IPFPT Datasheet HTML 14Page - Texas Instruments ADS5273IPFPT Datasheet HTML 15Page - Texas Instruments ADS5273IPFPT Datasheet HTML 16Page - Texas Instruments ADS5273IPFPT Datasheet HTML 17Page - Texas Instruments ADS5273IPFPT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TYPICAL CHARACTERISTICS
Frequency (MHz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
0
15
20
25
30
5
10
35
f
IN = 1MHz, − 1dBFS
SNR = 71.1dBFS
SINAD = 71dBFS
SFDR = 92dBc
16 Averages
Frequency (MHz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
0
15
20
25
30
5
10
35
f
IN = 5MHz, − 1dBFS
SNR = 71dBFS
SINAD = 70.8dBFS
SFDR = 90dBc
16 Averages
Frequency (MHz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
0
15
20
25
30
5
10
35
f
IN = 10MHz, − 1dBFS
SNR = 70.8dBFS
SINAD = 70.6dBFS
SFDR = 87dBc
16 Averages
Frequency (MHz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
0
15
20
25
30
5
10
35
f
IN = 20MHz
SNR = 70dBFS
SINAD = 69.8dBFS
SFDR = 86dBc
16 Averages
Frequency (MHz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
0
15
20
25
30
5
10
35
f
1 = 9.5MHz
f
2 = 10.2MHz
IMD3 = 97dBFS
16 Averages
Frequency (MHz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
0
15
20
25
30
5
10
35
f
IN = 5MHz
Crosstalk = 90dBFS
16 Averages
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 70MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per channel,
16kFFT, and 8 averages, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 1.
Figure 2.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 3.
Figure 4.
INTERMODULATION DISTORTION
CROSSTALK
Figure 5.
Figure 6.
14
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com