Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5273IPFPT Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5273IPFPT
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFPT Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5273IPFPT Datasheet HTML 14Page - Texas Instruments ADS5273IPFPT Datasheet HTML 15Page - Texas Instruments ADS5273IPFPT Datasheet HTML 16Page - Texas Instruments ADS5273IPFPT Datasheet HTML 17Page - Texas Instruments ADS5273IPFPT Datasheet HTML 18Page - Texas Instruments ADS5273IPFPT Datasheet HTML 19Page - Texas Instruments ADS5273IPFPT Datasheet HTML 20Page - Texas Instruments ADS5273IPFPT Datasheet HTML 21Page - Texas Instruments ADS5273IPFPT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Sample Rate (MHz)
76
74
72
70
68
66
64
20
35
40
45
50
55
60
65
25
30
70
f
IN = 5MHz
Sample Rate (MSPS)
95
90
85
80
75
70
20
35
40
45
50
55
60
65
25
30
70
f
IN = 5MHz
Sample Rate (MSPS)
74
73
72
71
70
69
68
67
66
20
35
40
45
50
55
60
65
25
30
70
f
IN = 10MHz
Sample Rate (MSPS)
74
73
72
71
70
69
68
67
66
20
35
40
45
50
55
60
65
25
30
70
f
IN = 10MHz
Sample Rate (MSPS)
92
90
88
86
84
82
20
35
40
45
50
55
60
65
25
30
70
f
IN = 10MHz
Sample Rate (MSPS)
300
250
200
150
100
50
0
10
20
80
IAVDD
ILVDD
30
40
50
60
70
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 70MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per channel,
16kFFT, and 8 averages, unless otherwise noted.
SINAD vs SAMPLE RATE
SFDR vs SAMPLE RATE
Figure 25.
Figure 26.
SNR vs SAMPLE RATE
SINAD vs SAMPLE RATE
Figure 27.
Figure 28.
SFDR vs SAMPLE RATE
CURRENT vs SAMPLE RATE
Figure 29.
Figure 30.
18
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com