Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5273IPFPT Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5273IPFPT
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFPT Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5273IPFPT Datasheet HTML 20Page - Texas Instruments ADS5273IPFPT Datasheet HTML 21Page - Texas Instruments ADS5273IPFPT Datasheet HTML 22Page - Texas Instruments ADS5273IPFPT Datasheet HTML 23Page - Texas Instruments ADS5273IPFPT Datasheet HTML 24Page - Texas Instruments ADS5273IPFPT Datasheet HTML 25Page - Texas Instruments ADS5273IPFPT Datasheet HTML 26Page - Texas Instruments ADS5273IPFPT Datasheet HTML 27Page - Texas Instruments ADS5273IPFPT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
RESET
POWER-DOWN MODE
LAYOUT OF PCB WITH PowerPAD
CONNECTING HIGH-SPEED,
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
It is recommended that the isolation be maintained
onboard by using separate supplies to drive AVDD
After the supplies have stabilized, it is required to
and LVDD, as well as separate ground planes for
give the device an active RESET pulse. This results
AVSS and LVSS.
in all internal registers getting reset to their default
The use of LVDS buffers reduces the injected noise
value of 0 (inactive). Without a reset, it is possible
considerably,
compared
to
CMOS
buffers.
The
that some registers might be in their non-default state
current in the LVDS buffer is independent of the
on power-up. This could cause the device to
direction of switching. Also, the low output swing, as
malfunction. When a reset is active, the device
well as the differential nature of the LVDS buffer,
outputs 0 code on all channels. However, the LVDS
results in low-noise coupling.
output clocks are unaffected by reset.
THERMALLY-ENHANCED PACKAGES
The ADS5273 has a power-down pin, referred to as
PD. Pulling PD high causes the device to enter the
The ADS5273 is housed in an 80-lead PowerPAD
power-down mode. In this mode, the reference and
thermally-enhanced package. To make optimum use
clock circuitry, as well as all the channels, are
of
the
thermal
efficiencies
designed
into
the
powered down. Device power consumption drops to
PowerPAD package, the printed circuit board (PCB)
less than 100mW in this mode. In power-down mode,
must be designed with this technology in mind.
the internal buffers driving REFT and REFB are
Please
refer
to
PowerPAD
brief
SLMA004,
tri-stated and their outputs are forced to a voltage
PowerPAD Made Easy (available for download at
roughly equal to half of the voltage on AVDD. Speed
www.ti.com),
which
addresses
the
specific
of recovery from power-down mode depends on the
considerations
required
when
integrating
a
value of the external capacitance on the REFT and
PowerPAD package into a PCB design. For more
REFB pins. For capacitances on REFT and REFB less
detailed information, including thermal modeling and
than 1
µF, the reference voltages settle to within 1%
repair
procedures,
please
see
technical
brief
of their steady-state values in less than 500
µs.
SLMA002, PowerPAD Thermally-Enhanced Package
Individual channels can also be selectively powered
(www.ti.com).
down by programming registers.
Interfacing High-Speed LVDS Outputs (SBOA104),
The ADS5273 also has an internal circuit that
an application report discussing the design of a
monitors the state of stopped clocks. If ADCLK is
simple deserializer that can deserialize LVDS outputs
stopped (or if it runs at a speed less than 3MHz), this
up to 840Mbps, can be found on the TI web site
monitoring circuit generates a logic signal that puts
(www.ti.com).
the device in a power-down state. As a result, the
power consumption of the device is reduced to less
than 100mW when ADCLK is stopped. The recovery
MULTI-CHANNEL ADCs TO XILINX FPGAs
from such a power-down could take approximately
A separate application report (XAPP774) describing
100
µs; this is described in Table 2.
how to connect TI's high-speed, multi-channel ADCs
with serial LVDS outputs to Xilinx FPGAs can be
downloaded
directly
from
the
Xilinx
web
site
(http://www.xilinx.com).
Table 2. Time Constraints Associated with Device Recovery from Power-Down and Clock Stoppage
DESCRIPTION
TYP
REMARKS
Recovery from power-down mode (PD = 1 to PD = 0).
500
µs
Capacitors on REFT and REFB less than 1µF.
Recovery from momentary clock stoppage ( < 300ns).
10
µs
Recovery from extended clock stoppage ( > 300ns).
100
µs
24
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com