Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHPR Datasheet(PDF) 5 Page - TT Electronics.

Part # BHPR
Description  MODEL BHPR SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BHPR Datasheet(HTML) 5 Page - TT Electronics.

  BHPR Datasheet HTML 1Page - TT Electronics. BHPR Datasheet HTML 2Page - TT Electronics. BHPR Datasheet HTML 3Page - TT Electronics. BHPR Datasheet HTML 4Page - TT Electronics. BHPR Datasheet HTML 5Page - TT Electronics. BHPR Datasheet HTML 6Page - TT Electronics. BHPR Datasheet HTML 7Page - TT Electronics. BHPR Datasheet HTML 8Page - TT Electronics. BHPR Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL BHPR SERIES
BHPR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
04.12
Ordering Information
BHPR 600 X S 500 J
Model
Power Rating
150 = 150W
200 = 200W
250 = 250W
300 = 300W
550 = 550W
600 = 600W
Schematic
X, Y or Z
Tolerance
F = 1%
J = 5%
Resistance Code
500 = 50
(First 2 digits significant,
last digit = number of trailing zeros)
S
(Only use the S suffix if you require screws,
otherwise leave blank)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com