Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHPR Datasheet(PDF) 1 Page - TT Electronics.

Part # BHPR
Description  MODEL BHPR SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BHPR Datasheet(HTML) 1 Page - TT Electronics.

  BHPR Datasheet HTML 1Page - TT Electronics. BHPR Datasheet HTML 2Page - TT Electronics. BHPR Datasheet HTML 3Page - TT Electronics. BHPR Datasheet HTML 4Page - TT Electronics. BHPR Datasheet HTML 5Page - TT Electronics. BHPR Datasheet HTML 6Page - TT Electronics. BHPR Datasheet HTML 7Page - TT Electronics. BHPR Datasheet HTML 8Page - TT Electronics. BHPR Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL BHPR SERIES
BHPR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
04.12
· Non-Inductive.
· Rated upto 600W depending on resistor configuration.
· Small TO-227 package, very low thermal resistance.
· Superior vibration durability, with M4 screw terminals.
· RoHS Compliant.
· High power snubber resistors in power supplies.
· High frequency and pulse handling circuits.
· Pulse generator load resistors.
· High power crossover circuits in audio speaker systems.
Dimensions
Schematics
OBSOLETE
(Combined BI & IRC datasheets)


Similar Part No. - BHPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BHPR ETC1-BHPR Datasheet
869Kb / 2P
250W / 300W TO-227 HIGH POWER RESISTORS
BHPR250500J ETC1-BHPR250500J Datasheet
869Kb / 2P
250W / 300W TO-227 HIGH POWER RESISTORS
BHPR500500J ETC1-BHPR500500J Datasheet
869Kb / 2P
250W / 300W TO-227 HIGH POWER RESISTORS
More results

Similar Description - BHPR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
AEP Model UK Model
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
US Model, Canadian Model, Mexican Model
logo
Voltage Multipliers Inc...
1N5554 VMI-1N5554 Datasheet
48Kb / 1P
Spice Model
1N5623 VMI-1N5623 Datasheet
44Kb / 1P
Spice Model
1N6515 VMI-1N6515 Datasheet
135Kb / 1P
Spice Model
1N6517 VMI-1N6517 Datasheet
48Kb / 1P
Spice Model
logo
List of Unclassifed Man...
L091S562LF ETC2-L091S562LF Datasheet
169Kb / 5P
MODEL L SERIES
L101S103LF ETC2-L101S103LF Datasheet
169Kb / 5P
MODEL L SERIES
logo
LG Semicon Co.,Ltd.
LEMWS59T80FZ10 LG-LEMWS59T80FZ10 Datasheet
1Mb / 31P
MODEL NAME LEMWS59T80 Series
logo
Connor-Winfield Corpora...
OX914XS3 CONNOR-WINFIELD-OX914XS3 Datasheet
600Kb / 4P
Connor-Winfield model series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com