Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHPR Datasheet(PDF) 2 Page - TT Electronics.

Part # BHPR
Description  MODEL BHPR SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BHPR Datasheet(HTML) 2 Page - TT Electronics.

  BHPR Datasheet HTML 1Page - TT Electronics. BHPR Datasheet HTML 2Page - TT Electronics. BHPR Datasheet HTML 3Page - TT Electronics. BHPR Datasheet HTML 4Page - TT Electronics. BHPR Datasheet HTML 5Page - TT Electronics. BHPR Datasheet HTML 6Page - TT Electronics. BHPR Datasheet HTML 7Page - TT Electronics. BHPR Datasheet HTML 8Page - TT Electronics. BHPR Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL BHPR SERIES
BHPR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
04.12
Specification Items
BHPR 150
BHPR 200
Test Conditions
Power Rating
150 Watts
200 Watts
With Heatsink, 0.9°C / W.
Resistor Schematic
Dual
Single
Resistance Range
0.1
- 51K
0.1
- 51K
Nominal Resistance
Any
Any
Within range and tolerance
TCR
±100ppm/°C
±100ppm/°C
For -55 to +155°C
Tolerance
±1%, ±5%
±1%, ±5%
Operating Temp. Range
-55 to +155°C
-55 to +155°C
Max Applied Voltage
E = P*R
Withstand Voltage
2500 VDC
60 Seconds
Load Life
R ±(1.0% +0.05 )
25°C, 90 min On, 30 min Off, 1000 Hours
Humidity
R ±(1.0% +0.05 )
70°C, 90 ~ 95%RH, DC 0.1W, 1000 Hours
Temperature Cycle
R ±(1.0% +0.05 )
-55°C 30 min, +120°C 30 min, 20 cycles
Short Term Overload
R ±(0.25% +0.05
)
Rated Power * 2.5, 2.5 seconds, with Heatsink
Solder Heat
R ±(0.25% +0.05 )
350°C ±5°C, 3 seconds
Insulation Resistance
Over 1000 Meg
Between Terminals and Flange.
Vibration
R ±(0.25% +0.05 )
Specification Items
BHPR 250
BHPR 300
Test Conditions
Power Rating
250 Watts
300 Watts
At Flange Temp –55 to +25°C
Resistor Schematic
Dual
Single
Resistance Range
0.1
- 51K
0.1
- 51K
Nominal Resistance
Any
Any
Within range and tolerance
TCR
±100ppm/°C
±100ppm/°C
For -55 to +155°C
Tolerance
±1%, ±5%
±1%, ±5%
Operating Temp. Range
-55 to +155°C
-55 to +155 °C
Max Applied Voltage
E = P*R
Withstand Voltage
2500 VDC
60 Seconds
Load Life
)
25°C, 90 min On, 30 min Off, 1000 Hours
Humidity
)
70°C, 90 ~ 95%RH, DC 0.1W, 1000 Hours
Temperature Cycle
)
-55°C 30 min, +120°C 30 min, 20 cycles
Short Term Overload
)
Rated Power * 2.5, 2.5 seconds, with Heatsink
Solder Heat
)
350°C ±5°C, 3 seconds
Insulation Resistance
Over 1000 Meg
Between Terminals and Flange.
Vibration
)
Specification
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com