Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 1 Page - TT Electronics.

Part # CCF
Description  Commercial Grade Carbon Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCF Datasheet(HTML) 1 Page - TT Electronics.

  CCF Datasheet HTML 1Page - TT Electronics. CCF Datasheet HTML 2Page - TT Electronics. CCF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Carbon Film Resistor
Electrical Data
CCF Series
• Great economy
• Automatically insertable
• High quality performance
• Flame retardant type available
IRC Type
Power
Rating at
70°C (W)
Resistance
Range*
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Standard Size
CCF - 1/8
0.125
1 - 1M
2, 5, 10
300 (
≤10Ω)
450 (11 - 99K
Ω)
0 to -700 (100K - 1M
Ω)
0 to -1500 (1.1M - 10M
Ω)
200
400
400
CCF - 1/4
0.25
1 - 10M
250
500
500
CCF - 1/2
0.5
1 - 10M
350
700
700
CCF - 1
1
1 - 10M
500
1000
1000
CCF - 2
2
1 - 10M
500
1000
1000
Miniature Size
CCFM - 1/8
0.125
1 - 1M
2, 5, 10
300 (
≤10Ω)
450 (11 - 99K
Ω)
0 to -700 (100K - 1M
Ω)
0 to -1500 (1.1M - 10M
Ω)
200
400
400
CCFM - 1/4
0.25
1 - 10M
250
500
500
CCFM - 1/2
0.5
1 - 10M
350
700
700
CCFM - 1
1
1 - 10M
500
1000
1000
CCFM - 2
2
1 - 10M
500
1000
1000
CCFM - 3
3
1 - 10M
500
1000
1000
*For resistance values outside these ranges, contact factory.
CCF Series Issue August 2008 Sheet 1 of 3
OBSOLETE


Similar Part No. - CCF

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
CCF ARISTA-CCF Datasheet
1Mb / 15P
Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
July 6, 2023
CCF ARISTA-CCF Datasheet
235Kb / 3P
Multi-Cloud Director™ Unified Multi-Controller Management For DMF and CCF
November 16 021
logo
BlockMaster Electronics...
CCF BLOCKMASTER-ELECTRONICS-CCF Datasheet
178Kb / 1P
This specification applies to – CIMXX0A1- Header
6/11/2017
CCF BLOCKMASTER-ELECTRONICS-CCF Datasheet
211Kb / 1P
This specification applies to – CIMXX0A2- Header
6/11/2017
CCF BLOCKMASTER-ELECTRONICS-CCF Datasheet
180Kb / 1P
This specification applies to – CIMXX0A3- Header
6/11/2017
More results

Similar Description - CCF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
power carbon film leaded resistor
logo
IRC - a TT electronics ...
CMF IRCTT-CMF Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
power carbon film leaded resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
Carbon Film Resistor
logo
TT Electronics.
CMF TTELEC-CMF Datasheet
255Kb / 3P
Commercial Grade Metal Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com