Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 2 Page - TT Electronics.

Part # CCF
Description  Commercial Grade Carbon Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCF Datasheet(HTML) 2 Page - TT Electronics.

  CCF Datasheet HTML 1Page - TT Electronics. CCF Datasheet HTML 2Page - TT Electronics. CCF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Physical Data
Short-time overload
∆R/R ≤ (±1% + 0.05Ω), with no evidence of mechanical damage
Insulation resistance
Min. 10,000M
Ω
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown
Terminal strength
No evidence of mechanical damage
Resistance to Soldering heat
∆R/R ≤ (±1% + 0.05Ω), with no evidence of mechanical damage
Solderability
Minimum 95% coverage
Resistance to solvent
No deterioration of protective coating and markings
Temperature cycling
∆R/R ≤ (±1% + 0.05Ω), with no evidence of mechanical damage
Load life in humidity
Standard type:
∆R/R ±3% for <100KΩ, ±5% for ≥100KΩ;
Flame retardant type:
∆R/R ±5% for <100KΩ, ±10% for ≥100KΩ
Load life
Standard type:
∆R/R ±2% for <56KΩ, ±3% for ≥56KΩ;
Flame retardant type:
∆R/R ±5% for <100KΩ, ±10% for ≥100KΩ
Commercial Grade
Carbon Film Resistor
Dimensions (mm)
IRC Type
D (max.)
L (max.)
d (±0.02)
H (±3)
Standard Sizes
CCF - 1/8
1.85
3.5
0.5
28
CCF - 1/4
2.5
6.8
0.6
28
CCF - 1/2
3.5
10.0
0.6
28
CCF - 1
5.5
16.0
0.8
28
CCF - 2
6.5
17.5
0.8
28
Miniature Sizes
CCFM - 1/8
1.85
3.5
0.5
28
CCFM - 1/4
3.0
6.8
0.6
28
CCFM - 1/2
3.0
9.0
0.6
28
CCFM - 1
5.0
12.0
0.7
28
CCFM - 2
5.5
16.0
0.8
28
CCFM - 3
6.5
17.5
0.8
28
H
D
L
H
d
CCF Series Issue August 2008 Sheet 2 of 3
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com