Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF Datasheet(PDF) 3 Page - TT Electronics.

Part # CCF
Description  Commercial Grade Carbon Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCF Datasheet(HTML) 3 Page - TT Electronics.

  CCF Datasheet HTML 1Page - TT Electronics. CCF Datasheet HTML 2Page - TT Electronics. CCF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Performance Curves
Commercial Grade
Carbon Film Resistor
Sample Part No.
IRC Type
CCF - Standard size carbon film resistor
CCFM - Miniature size carbon film resistor
Power rating
(see specs table)
Resistance Value (EIA 4-digit code)
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000; 1000Ω = 1001
(>100
Ω - "R" is used to designate decimal)
Example: 10
Ω = 51R0; 1Ω = 1R00
Tolerance (EIA format)
G = ±2%
J = ±5%
K = ±10%
RoHS - Compliance
LF = RoHS compliant construction
Packaging
TR = tape & reel
AMMO = ammo packaging
Ordering Data
CCF
1/4
1000
J
LF
TR
Specify type, resistance, tolerance, RoHS-Compliance and
packaging. This example is for a Carbon Film Resistor, 0.5-watt,
1000
Ω resistor.
100
80
60
40
20
-30
0
30
60
Ambient Temperature (°C)
90 120 150 180
-55°C
+70°C
+155°C
-60
1K
10K
100K
1M
µV/v
0.32
0.1
0.03
0.01
Nominal resistance (
Ω)
100
Ω
0.003
Temperature Coefficient
Current Noise Level
Derating Curve
0
-200
-400
-600
-800
Nominal resistance (
Ω)
100
Ω
-1000
1K
10K 100K 1M
ppm/°C
CCF Series Issue August 2008 Sheet 3 of 3
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com