Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG113 Datasheet HTML 3Page - Texas Instruments REG113 Datasheet HTML 4Page - Texas Instruments REG113 Datasheet HTML 5Page - Texas Instruments REG113 Datasheet HTML 6Page - Texas Instruments REG113 Datasheet HTML 7Page - Texas Instruments REG113 Datasheet HTML 8Page - Texas Instruments REG113 Datasheet HTML 9Page - Texas Instruments REG113 Datasheet HTML 10Page - Texas Instruments REG113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REG113
7
SBVS031D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
TURN-ON
250
µs/div
V
ENABLE
V
OUT
REG113-3.3
V
IN = VOUT + 1V
C
NR = 0.01µF
C
OUT = 10µF
R
LOAD = 13Ω
C
OUT = 0µF
R
LOAD = 13Ω
C
OUT = 0µF
R
LOAD = 660Ω
TURN-OFF
200
µs/div
V
ENABLE
V
OUT
REG113-3.3
C
OUT = 10µF
R
LOAD = 13Ω
C
OUT = 1.0µF
R
LOAD = 13Ω
C
OUT = 0µF
R
LOAD = 660Ω
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
CURRENT LIMIT FOLDBACK
0
50
100 150 200 250 300 350 400 450 500 550
Output Current Limit (mA)
V
OUT = 3.3V
I
CL
I
SC
–50
–25
0
25
50
75
100
125
600
550
500
450
400
350
300
250
200
150
100
Temperature (
°C)
CURRENT LIMIT vs TEMPERATURE
I
CL (Current Limit)
I
SC (Short-Circuit Current)
LOAD TRANSIENT RESPONSE
10
µs/div
V
OUT
I
OUT
40mA
400mA
V
OUT
REG113-3.3
V
IN = 4.3V
C
OUT = 10µF
C
OUT = 0
LINE TRANSIENT RESPONSE
50
µs/div
V
OUT
V
IN
4.3V
5.3V
V
OUT
REG113-3.3
I
OUT = 400mA
C
OUT = 10µF
C
OUT = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com