Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REG113 Datasheet HTML 11Page - Texas Instruments REG113 Datasheet HTML 12Page - Texas Instruments REG113 Datasheet HTML 13Page - Texas Instruments REG113 Datasheet HTML 14Page - Texas Instruments REG113 Datasheet HTML 15Page - Texas Instruments REG113 Datasheet HTML 16Page - Texas Instruments REG113 Datasheet HTML 17Page - Texas Instruments REG113 Datasheet HTML 18Page - Texas Instruments REG113 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TAPE AND REEL BOX INFORMATION
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REG113EA-2.5/250
DGK
8
SITE 41
180
12
5.3
3.4
1.4
8
12
Q1
REG113EA-2.5/2K5
DGK
8
SITE 41
330
12
5.3
3.4
1.4
8
12
Q1
REG113EA-2.85/250
DGK
8
SITE 41
180
12
5.3
3.4
1.4
8
12
Q1
REG113EA-2.85/2K5
DGK
8
SITE 41
330
12
5.3
3.4
1.4
8
12
Q1
REG113EA-3.3/250
DGK
8
SITE 41
180
12
5.3
3.4
1.4
8
12
Q1
REG113EA-3.3/2K5
DGK
8
SITE 41
330
12
5.3
3.4
1.4
8
12
Q1
REG113EA-3/250
DGK
8
SITE 41
180
12
5.3
3.4
1.4
8
12
Q1
REG113EA-3/2K5
DGK
8
SITE 41
330
12
5.3
3.4
1.4
8
12
Q1
REG113EA-5/250
DGK
8
SITE 41
180
12
5.3
3.4
1.4
8
12
Q1
REG113EA-5/2K5
DGK
8
SITE 41
330
12
5.3
3.4
1.4
8
12
Q1
REG113NA-2.5/250
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-2.5/3K
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-2.85/250
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-2.85/3K
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-3.3/250
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-3.3/3K
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-3/250
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-3/3K
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
REG113NA-5/250
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Nov-2007
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com