Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 1 Page - Texas Instruments

  REG113 Datasheet HTML 1Page - Texas Instruments REG113 Datasheet HTML 2Page - Texas Instruments REG113 Datasheet HTML 3Page - Texas Instruments REG113 Datasheet HTML 4Page - Texas Instruments REG113 Datasheet HTML 5Page - Texas Instruments REG113 Datasheet HTML 6Page - Texas Instruments REG113 Datasheet HTML 7Page - Texas Instruments REG113 Datasheet HTML 8Page - Texas Instruments REG113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
REG113
FEATURES
q CAP-FREE DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
250mV typ at 400mA
Output Capacitor
not Required for Stability
q UP TO 500mA PEAK, TYPICAL
q FAST TRANSIENT RESPONSE
q VERY LOW NOISE: 28
µVrms
q HIGH ACCURACY:
±1.5% max
q HIGH EFFICIENCY:
IGND = 850µA at IOUT = 400mA
Not Enabled: IGND = 0.01µA
q 2.5V, 2.85V, 3.0V, 3.3V, AND 5.0V OUTPUT VERSIONS
q OTHER OUTPUT VOLTAGES AVAILABLE UPON
REQUEST
q FOLDBACK CURRENT LIMIT
q THERMAL PROTECTION
q SMALL SURFACE-MOUNT PACKAGES:
SOT23-5 and MSOP-8
APPLICATIONS
q PORTABLE COMMUNICATION DEVICES
q BATTERY-POWERED EQUIPMENT
q PERSONAL DIGITAL ASSISTANTS
q MODEMS
q BAR-CODE SCANNERS
q BACKUP POWER SUPPLIES
DESCRIPTION
The REG113 is a family of low-noise, low-dropout linear
regulators with low ground pin current. Its new DMOS topol-
ogy provides significant improvement over previous designs,
including low-dropout voltage (only 250mV typ at full load),
and better transient performance. In addition, no output
capacitor is required for stability, unlike conventional low-
dropout regulators that are difficult to compensate and re-
quire expensive low ESR capacitors greater than 1
µF.
Typical ground pin current is only 850
µA (at I
OUT = 400mA)
and drops to 10nA when not enabled. Unlike regulators with
PNP pass devices, quiescent current remains relatively con-
stant over load variations and under dropout conditions.
The REG113 has very low output noise (typically 28
µVrms
for VOUT = 3.3V with CNR = 0.01µF), making it ideal for use
in portable communications equipment. Accuracy is main-
tained over temperature, line, and load variations. Key
parameters are tested over the specified temperature range
(–40
°C to +85°C).
The REG113 is well protected—internal circuitry provides a
current limit which protects the load from damage, further-
more, thermal protection circuitry keeps the chip from being
damaged by excessive temperature. The REG113 is avail-
able in SOT23-5 and MSOP-8 packages.
SBVS031D – MARCH 2001 – REVISED SEPTEMBER 2005
REG113
Enable
GND
0.1
µF
C
OUT
(1)
+
+
V
OUT
V
IN
NR(2)
NOTES: (1) Optional. (2) NR = Noise Reduction.
DMOS
400mA Low-Dropout Regulator
All trademarks are the property of their respective owners.


Similar Part No. - REG113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
REG113 TI2-REG113 Datasheet
667Kb / 22P
DMOS 400mA Low-Dropout Regulator
REVISED SEPTEMBER 2005
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
REG113EA-2.5/250 TI-REG113EA-2.5/250 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
REG113EA-2.5/250 TI-REG113EA-2.5/250 Datasheet
551Kb / 20P
DMOS 400mA Low-Dropout Regulator
More results

Similar Description - REG113

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
3.7V 400mA Low Dropout Regulator
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113 TI-REG113_08 Datasheet
551Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com