Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL2 Datasheet(PDF) 2 Page - TT Electronics.

Part # PSL2
Description  Slide Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSL2 Datasheet(HTML) 2 Page - TT Electronics.

  PSL2 Datasheet HTML 1Page - TT Electronics. PSL2 Datasheet HTML 2Page - TT Electronics. PSL2 Datasheet HTML 3Page - TT Electronics. PSL2 Datasheet HTML 4Page - TT Electronics. PSL2 Datasheet HTML 5Page - TT Electronics. PSL2 Datasheet HTML 6Page - TT Electronics. PSL2 Datasheet HTML 7Page - TT Electronics. PSL2 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Slide Potentiometer
PSL2
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 2
TA = 25ᵒC unless otherwise noted
Environmental Characteristics
Operating Temperature Range
-10°C -70°C
IP Rating
N/A
Soldering Condition
260°C for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
Fader Characteristics
Slide Travel
45mm, 60mm, 100mm
Operating Force
5—120 gf.cm
Stopper Strength
5 Kgf.cm for 5 seconds
Lever Wobble
1.6mm p-p maximum
Operational Life
300,000 cycles minimum
Total Resistance Shift
±15%
Touch Sense Track
NO
Lever Deviation
0.5mm
max (one side)
TA = 25ᵒC unless otherwise noted
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com