Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL2 Datasheet(PDF) 3 Page - TT Electronics.

Part # PSL2
Description  Slide Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSL2 Datasheet(HTML) 3 Page - TT Electronics.

  PSL2 Datasheet HTML 1Page - TT Electronics. PSL2 Datasheet HTML 2Page - TT Electronics. PSL2 Datasheet HTML 3Page - TT Electronics. PSL2 Datasheet HTML 4Page - TT Electronics. PSL2 Datasheet HTML 5Page - TT Electronics. PSL2 Datasheet HTML 6Page - TT Electronics. PSL2 Datasheet HTML 7Page - TT Electronics. PSL2 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Slide Potentiometer
PSL2
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 3
Part Family
Travel (mm)
045/060/100
Motor Option
N - N/A
Track Count
1 - Single Track
2 - Dual Track
Terminal Type
T - PC Pins
Lever Height
See Lever Table
Resistance Taper
See Resistance Taper Table
Resistance Code
See Resistance Chart
Ordering Info
PSL2
100
N
2
T
02
05B
103
Code
Resistance
102
1K
202
2K
502
5K
103
10K
203
20K
503
50K
104
100K
204
200K
504
500K
Lever Table
Order
Code
L(F)(H)
(mm)
Lever
Style
01
20(10)
A
02
03
15(10)(3.8)
21(9)(3.8)
B
04
05
06
8
11.5
14
C
07
08
09
10
15
20
D
Resistance Taper Table (Code)
Taper “A”
Taper “B”
Taper “C”
05A
00B
05C
10A
01B
10C
15A
02B
15C
20A
03B
20C
25A
04B
25C
30A
05B
30C
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com