Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL2 Datasheet(PDF) 1 Page - TT Electronics.

Part # PSL2
Description  Slide Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSL2 Datasheet(HTML) 1 Page - TT Electronics.

  PSL2 Datasheet HTML 1Page - TT Electronics. PSL2 Datasheet HTML 2Page - TT Electronics. PSL2 Datasheet HTML 3Page - TT Electronics. PSL2 Datasheet HTML 4Page - TT Electronics. PSL2 Datasheet HTML 5Page - TT Electronics. PSL2 Datasheet HTML 6Page - TT Electronics. PSL2 Datasheet HTML 7Page - TT Electronics. PSL2 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Slide Potentiometer
PSL2
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 1
•
Audio
mixers
•
Video
mixers
•
Light boards
•
Keyboards
•
Musical
instruments
•
Stage
equipment
Description:
PS2
family of linear non-motorized
potentiometers. This potentiometer
is perfect for mixing boards and other
audio visual equipment.
Applications:
Electrical Characteristics
Resistance Range
1 kΩ—1 MΩ
Standard Resistance Tolerance
1 kΩ- 1 MΩ ± 20%
R < 1 kΩ or R > 1 MΩ ± 30%
Resistance Taper
A,B,C
Maximum Operating Voltage
200 Vac / 10 Vdc
Rated Power
0.5 Watt
Dielectric Strength
1 minute at 300 Vac
Slider Noise
≤ 47 mV
Insulation Resistance
≥ 100 MΩ at 250 Vdc
Residual Resistance
R1,2— ≤5 Ω R2,3 — ≤ 5 Ω
Element Count
Single/Dual
Tracking Error
-40 dB—0 dB ≤ ±3 dB
Features:
•
Operation
life 300,000 minimum
•
Resistance
range 1 kΩ
- 1 MΩ
•
Smooth feel with dual rail internal system
•
Dual
track options available
•
Range of taper resistance options
TA = 25ᵒC unless otherwise noted
Use this bounding box
to place and size the 3D
content. Cover this box
entirely. If there is no
3D content for this
product, delete the box.
3D Model
OBSOLETE


Similar Part No. - PSL2

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22-M PACELEADER-PSL22-M Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22-MH PACELEADER-PSL22-MH Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL23 PACELEADER-PSL23 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL23-M PACELEADER-PSL23-M Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
More results

Similar Description - PSL2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com