Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW-RADIAL Datasheet(PDF) 1 Page - TT Electronics.

Part # PW-RADIAL
Description  General Purpose Radial Terminal Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PW-RADIAL Datasheet(HTML) 1 Page - TT Electronics.

  PW-RADIAL Datasheet HTML 1Page - TT Electronics. PW-RADIAL Datasheet HTML 2Page - TT Electronics. PW-RADIAL Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Radial Terminal
Power Wirewound Resistor 
PW Radial Series
0.10 to 2.0K
20 watts to 50 watts
±10% or ±5% tolerance
RoHS compliant construction available
Custom parts available - consult factory
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Inorganic
fireproof
encapsulant
Steatite
ceramic case
Alloy resistance wire on
fiberglass substrate
Tinned steel
PW Radial Series
• 0.10
Ω to 2.0KΩ
• 20 watts to 50 watts
• ±10% or ±5% tolerance
• RoHS compliant construction available
• Custom parts available - consult factory
General Purpose
Radial Terminal
Power Wirewound Resistor
Type
Power Rating @ 25°C
(watts)
Resistance
Range (ohms)
PW-20E
20
0.1 to 2.0K
PW-30
30
0.5 to 1.2K
PW-40
40
0.65 to 1.5K
PW-50E
50
0.08 to 1.8K
- Flameproof inorganic construction
- EIA RS-344, insulated fixed wirewound resistors
- 1000 hour load life at 25°C: 5% max.
- Moisture no load 240 hours: 2% max.
- Temperature cycling (5 cyc.): 5% max.
Electrical Data
Power Derating Curve
100
80
60
40
0
50
100
150
200
250
Ambient Temperature (°C)
20
0
PW - 20E, PW - 30, PW - 40
PW - 50E without Bracket
Temperature Rise Chart
300
200
100
0
0
25
50
75
100
125
Percent of Rated Load
PW - 50E
PW - 20E
PW - 40
PW - 30
With Bracket:
PW-30 Increased to 40 watts
PW-40 Increased to 50 watts
PW-50 Increased to 60 watts
PW Radial Series Issue March 2011 Sheet 1 of 2
07.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
Resistors
BI Technologies IRC Welwyn
OBSOLETE


Similar Part No. - PW-RADIAL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PW-10 WELWYN-PW-10 Datasheet
147Kb / 4P
General Purpose Power Wirewound Resistors
logo
TT Electronics.
PW-10 TTELEC-PW-10 Datasheet
346Kb / 2P
Lead free, RoHS compliant construction available
PW-10 TTELEC-PW-10 Datasheet
766Kb / 2P
General Purpose Axial Leaded Power Wirewound Resistor
06.18
PW-10 TTELEC-PW-10 Datasheet
766Kb / 2P
General Purpose Axial Leaded Power Wirewound Resistor
06.18
PW-10 TTELEC-PW-10 Datasheet
434Kb / 2P
General Purpose Axial Leaded Power Wirewound Resistor
07.14
More results

Similar Description - PW-RADIAL

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
General Purpose Stand-Up Power Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
SPP11001J IRCTT-SPP11001J Datasheet
221Kb / 3P
Low-Cost General Purpose Conformal Coated Wirewound Resistor
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
General Purpose and Precision Wirewound Resistor
logo
TT Electronics.
WPRT TTELEC-WPRT Datasheet
718Kb / 4P
Wirewound Power Radial Terminal Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
General Purpose and Precision Wirewound Resistor
11/29/2021
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com