Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW-RADIAL Datasheet(PDF) 2 Page - TT Electronics.

Part # PW-RADIAL
Description  General Purpose Radial Terminal Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PW-RADIAL Datasheet(HTML) 2 Page - TT Electronics.

  PW-RADIAL Datasheet HTML 1Page - TT Electronics. PW-RADIAL Datasheet HTML 2Page - TT Electronics. PW-RADIAL Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PW Radial Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches)
Type
A
B
PW-20E
1.875 ±0.030
2.5 ±0.060
PW-30
2.00 ±0.030
2.55 ±0.060
PW-40
2.45 ±0.030
3.00 ±0.060
PW-50E
3.075 ±0.030
3.625 ±0.060
PW-20E Wirewound
PW-30, 40 and 50E Wirewound
PW-20E Alternate
Terminal
Configuration
-0.020" Tin coated Steel
General Purpose
Radial Terminal
Power Wirewound Resistor
0.032±0.0025
B
0.5±0.030
0.5±0.030
0.157±0.020
A
5/32 Dia. Thru (2)
0.250 (Typ.)
0.75±0.030
0.875
7/32 Dia.
0.25
0.75
0.375
0.032±0.0025
A
0.282±0.020
5/32 Dia. Thru (2)
0.75±0.030
Printed Circuit Terminal
0.069±0.005
0.205 or
0.187±0.005
0.25±0.031
0.135±0.015
0.200 (Typ.)
0.125±0.015
PW Radial Series Issue March 2011 Sheet 2 of 2
07.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
General Purpose Radial Terminal Power Wirewound Resistor
Resistors
BI Technologies IRC Welwyn
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com