Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW-RADIAL Datasheet(PDF) 3 Page - TT Electronics.

Part # PW-RADIAL
Description  General Purpose Radial Terminal Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PW-RADIAL Datasheet(HTML) 3 Page - TT Electronics.

  PW-RADIAL Datasheet HTML 1Page - TT Electronics. PW-RADIAL Datasheet HTML 2Page - TT Electronics. PW-RADIAL Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PW Radial Series
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PW50EBRK-1K2KI (PW50E with bracket, 1.2 kilohms ±10%, Pb-free)
P W 5
0
E B R K
-
1 K 2
K
I
1
2
3
4
5
USA (IRC) Part Number: PW50EBRK1201KLF (PW50E with bracket, 1.2 kilohms ±10%, Pb-free)
P W 5
0
E B R K
1
2
0
1
K L F
1
2
3
4
5
1
2
3
4
5
Type
Bracket
Value
Tolerance Packing & Termination Finish
PW20E BRK = with bracket R = ohms
K = kilohms
J = ±5%
I = Standard packing & Pb-free
PW30 Omit if not required
K = ±10%
Bulk pack
PW40
PW50E
1
2
3
4
5
Type
Bracket
Value
Tolerance Packing & Termination Finish
PW20E BRK = with bracket 3 digits + multiplier
J = ±5%
Omit for SnPb
PW30 Omit if not required R = ohms for values
<100 ohms
K = ±10%
LF = Pb-free
PW40
Bulk pack
PW50E
07.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
General Purpose Radial Terminal Power Wirewound Resistor
Resistors
BI Technologies IRC Welwyn
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com