Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005 Datasheet(PDF) 2 Page - SEP ELECTRONIC CORP.

Part # 2W005
Description  2.0 A Single-Phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEP [SEP ELECTRONIC CORP.]
Direct Link  http://www.sep-semi.com/index.htm
Logo SEP - SEP ELECTRONIC CORP.

2W005 Datasheet(HTML) 2 Page - SEP ELECTRONIC CORP.

  2W005 Datasheet HTML 1Page - SEP ELECTRONIC CORP. 2W005 Datasheet HTML 2Page - SEP ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves
2W005 thru 2W10
Fig. 1 Derating Curve for
Output Rectified Current
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Fig. 3 Typical Instantaneous
Forward Characteristics
Fig. 5 Typical Junction Capacitance
( TA=25 C Unless otherwise noted )
Number of Cycles at 60Hz
Instantaneous Forward
Voltage, Volts
Reverse Voltage, Volts
0
1.0
2.0
50
100
20
40
50
60
1
10
100
.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
100
1
1.5 2
10
100
30
10
25
75
125
150
60Hz Resistive of
Inductive Load
0
10
1.5
0.5
8.3ms
Single half-sine-Wave
[JEDEC Method]
Tj=25 C
Pulse Width=300us
Tj=25 C
f=1.0MHz
Fig. 4 Typical Reverse
Characteristics
Percent of Rated Peak Reverse
Voltage, %
.01
0.1
1.0
10
0
20
40
60
80
100
120
140
100
Tj=25 C
Tj=125 C
Case Temperature, C
2006 SEP ELECTRONIC CORP.
www.sep-semi.com Rev.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com