Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005 Datasheet (PDF) - SEP ELECTRONIC CORP.

2W005 Datasheet PDF - SEP ELECTRONIC CORP.
Part # 2W005
Download  2W005 Download
File Size   65.93 Kbytes
Page   2 Pages
Manufacturer  SEP [SEP ELECTRONIC CORP.]
Direct Link  http://www.sep-semi.com/index.htm
Logo SEP - SEP ELECTRONIC CORP.
Description 2.0 A Single-Phase Silicon Bridge Rectifier

2W005 Datasheet (PDF)

Go To PDF Page Download Datasheet
2W005 Datasheet PDF - SEP ELECTRONIC CORP.

Part # 2W005
Download  2W005 Click to download

File Size   65.93 Kbytes
Page   2 Pages
Manufacturer  SEP [SEP ELECTRONIC CORP.]
Direct Link  http://www.sep-semi.com/index.htm
Logo SEP - SEP ELECTRONIC CORP.
Description 2.0 A Single-Phase Silicon Bridge Rectifier

2W005 Datasheet (HTML) - SEP ELECTRONIC CORP.


2W005 Product details

Features
This series is UL listed under the Recognized
Component Index, file number E142814
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Ideal for printed circuit board mounting
High temperature soldering guaranteed 265 C /10
seconds at 5 lbs (2.3kg) tension




Similar Part No. - 2W005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W005 SSE-2W005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W005 BYTES-2W005 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W005 CHENYI-2W005 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results


Similar Description - 2W005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
Single Phase Bridge Rectifier 2.0 Amp
logo
First Components Intern...
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
First Components Intern...
KBJ200 FCI-KBJ200 Datasheet
67Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
logo
Olitech Electronics Co....
2W005A OLITECH-2W005A Datasheet
229Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Gaomi Xinghe Electronic...
KBP2005 GXELECTRONICS-KBP2005 Datasheet
870Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
2W005 YIXIN-2W005 Datasheet
146Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
KBL6005 YIXIN-KBL6005 Datasheet
135Kb / 2P
6.0 A Single-Phase Silicon Bridge Rectifier
KBP301 YIXIN-KBP301 Datasheet
127Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
KBL005 ETC-KBL005 Datasheet
26Kb / 2P
4.0 A Single-Phase Silicon Bridge Rectifier
2003 SEP ELECTRONIC CORP.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com