Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005 Datasheet(PDF) 1 Page - SEP ELECTRONIC CORP.

Part # 2W005
Description  2.0 A Single-Phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEP [SEP ELECTRONIC CORP.]
Direct Link  http://www.sep-semi.com/index.htm
Logo SEP - SEP ELECTRONIC CORP.

2W005 Datasheet(HTML) 1 Page - SEP ELECTRONIC CORP.

  2W005 Datasheet HTML 1Page - SEP ELECTRONIC CORP. 2W005 Datasheet HTML 2Page - SEP ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEP ELECTRONIC CORP.
2W005 thru 2W10
2.0 A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
Maximum Ratings & Thermal Characteristics
Rating at 25
ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
unit
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=25 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
Typical junction capacitance per element (2)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25
ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 2.0A
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =100
C
C
C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
RthJA
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
60
50.0
-55 to + 150
1.1
10
1000
V
V
V
A
A
V
A
2
sec
2.0
30
p
F
Cj
2W005 2W01
2W02
2W04
2W06
2W08
2W10
A
C / W
Features
Mechanical Data
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.05 ounce, 1.3 grams (approx)
This series is UL listed under the Recognized
Component Index, file number E142814
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Ideal for printed circuit board mounting
High temperature soldering guaranteed 265 C /10
seconds at 5 lbs (2.3kg) tension
High surge current capability
15
+
5.1 0.5
26.0 MIN.
23.5 MIN.
+
5.1 0.5
+
8.85 0.5
+
5.30 0.3
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
(2)Measured at 2.0MHz and applied reverse voltage of 4.0 volts.
Dimensions in millimeters(1mm =0.0394")
2006 SEP ELECTRONIC CORP.
www.sep-semi.com Rev.1
C
2W005 2W01
2W02
2W04
2W06
2W08
2W10
WOB


Similar Part No. - 2W005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W005 SSE-2W005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W005 BYTES-2W005 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W005 CHENYI-2W005 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - 2W005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
Single Phase Bridge Rectifier 2.0 Amp
logo
First Components Intern...
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
First Components Intern...
KBJ200 FCI-KBJ200 Datasheet
67Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
logo
Olitech Electronics Co....
2W005A OLITECH-2W005A Datasheet
229Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Gaomi Xinghe Electronic...
KBP2005 GXELECTRONICS-KBP2005 Datasheet
870Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
2W005 YIXIN-2W005 Datasheet
146Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
KBL6005 YIXIN-KBL6005 Datasheet
135Kb / 2P
6.0 A Single-Phase Silicon Bridge Rectifier
KBP301 YIXIN-KBP301 Datasheet
127Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
KBL005 ETC-KBL005 Datasheet
26Kb / 2P
4.0 A Single-Phase Silicon Bridge Rectifier
2003 SEP ELECTRONIC CORP.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com